Part Number Hot Search : 
MK4542A SMA24A 1N5235B TSOP2 MAX160 4758A 2160AV ADIS1
Product Description
Full Text Search
 

To Download FCT1-33L2SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 714
8 W Forward-Mode Transformers
* * * * Designed for forward topology operating at 250 kHz Five outputs from 3.3 V to 15 V; 18 - 36 V input 1500 Vrms isolation from primary and aux to the secondary Specified by National Semiconductor for its LM5015 TwoSwitch Forward Regulator
Core material Ferrite Terminations RoHS tin-silver over tin over nickel over phos bronze. Other terminations available at additional cost. Weight 4.0 - 4.3 g Ambient temperature -40C to +85C Storage temperature Component: -40C to +85C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 200 per 13 reel Plastic tape: 32 mm wide, 0.5 mm thick, 24 mm pocket spacing, 11.2 mm pocket depth PCB washing Only pure water or alcohol recommended
Part Inductance2 number1 nom (H) FCT1-33L2SL_ 324 FCT1-50L2SL_ 324 FCT1-90L2SL_ 324 FCT1-120L2SL_ 324 FCT1-150L2SL_ 324
DCR max (mOhms)3 pri sec aux 65 22.5 460 65 31 490 65 105 490 65 150 535 65 223 470
Leakage inductance4 max (H) 0.530 0.585 0.570 0.525 0.600
Input voltage range (V) 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36
Turns ratio5 pri : sec pri : aux 1 : 0.5 1 : 1.39 1 : 0.72 1 : 1.39 1 : 1.17 1 : 1.39 1 : 1.56 1 : 1.39 1 : 1.89 1 : 1.39
Output6 3.3 V, 2.4 A 5 V, 1.6 A 9 V, 0.89 A 12 V, 0.67 A 15 V, 0.53 A
1. When ordering, please specify a packaging code: FCT1-50L2SLD Packaging: D = 13 machine ready reel. EIA-481 embossed plastic tape (200 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance is measured at 250 kHz, 0.3 Vrms, 0 Adc. 3. DCR for the secondary is measured with the windings connected in parallel. 4. Leakage inductance is for the primary and is measured with the secondary shorted. 5. Turns ratio is with the secondary windings connected in parallel. 6. Output is with the secondary windings connected in parallel. Auxiliary winding output is 10 V, 20 mA. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Dot above pin1
0.433 max 11,00
0.041 1,05
0.004 /0,10
0.600 max 15,24 0.413 10,50
4 5
1 Primary
8 7 Secondary
0.080 2,03
Recommended Land Pattern
1 0.460 11,68
0.050 1,27
0.024 0,60
2 3 Auxiliary 4 6 5
0.50 max 12,7 0.098 2,50
1 8
Secondary windings to be connected in parallel on PC board.
Dimensions are in
inches mm
0.098 2,50
Specifications subject to change without notice. Please check our website for latest information.
Document 714
Revised 02/18/09
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of FCT1-33L2SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X